PART |
Description |
Maker |
MTLOP-227AJ MTLOP-227AQD MTLOP-227AJ883 MPOP-227AY |
MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
ADA4627-1ARZ ADA4627-1ACPZ-R7 |
36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-pin; Temperature Range: -40°C to 125°C 36 V High Performance, JFET-Input, Amp, Operational Amplifier; Package: 8-LFCSP (Lead Form Chip Scale); Temperature Range: -40°C to 125°C
|
ANALOG DEVICES INC
|
NCV2902DTBR2G LM2902VDG LM224NG LM324DR2G LM324ADG |
Single Supply Quad Operational Amplifiers QUAD OP-AMP, 7000 uV OFFSET-MAX, PDSO14 3-32V Quad Operational Amplifier, Ta= -25 to 85°C, Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 3-32V Quad Operational Amplifier, Ta= 0 to 70°C, PB-FREE; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14 Single Supply Quad Operational Amplifiers
|
ON Semiconductor Diodes, Inc.
|
AD625SE883B |
MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
LT1007CN8PBF |
Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 110 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
OP-270A OP-270AJ8 OP-270E OP-270EJ8 OP-270G OP-270 |
From old datasheet system Dual/Quad Low Noise / Precision Operational Amplifiers Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 75 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 400 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 250 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDSO16 Dual/Quad Low Noise, Precision Operational Amplifiers 四低噪声,高精度运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LT1812CS6 LT1812IS5 LT1812IS6 LT18121 LT1812IS8 LT |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
|
Linear Technology, Corp.
|
MC33502PG |
1.0 V, Rail−to−Rail, Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP8
|
ON Semiconductor
|
|